Part Number Hot Search : 
ECH8618 LM181E06 L6238S 1SMC70 M2432 MC33884 SM712 SK320
Product Description
Full Text Search
 

To Download DD24S5-12000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DD Series
DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
FEATURES
Single Output Up to 14A High Efficiency up to 91% RoHS Directive Compliant Fixed Switching Frequency No Minimum Load Required Six-Sided Continuous Shield 2:1 Wide Input Voltage Range Approved for Basic Insulation 60 Watts Maximum Output power Standard 2.02" x 2.02" x 0.4" Package
UL TUV CB CE MARK (Pending)
SPECIFICATIONS: DD Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ...................... 18 - 36VDC 48V nominal input ...................... 36 - 75VDC Under Voltage Lockout 24V nominal input........... DC-DC ON ..................................17VDC typ. DC-DC OFF ................................15VDC typ. 48V nominal input........... DC-DC ON ..................................34VDC typ. DC-DC OFF ................................32VDC typ. Input Filter ....................................................................................... Pi Type Input Voltage Variation......... dv/dt ............................................ 5V/ms max (Complies with ETS300 132 part 4.4) Input Surge Voltage (100ms max) ............... 24V input ...................50VDC 48V input .................100VDC Input Reflected Ripple Current (nominal Vin and FL) ...................20mAp-p Start Up Time (nominal Vin and constant resistive load) Power Up..............................................................................20ms max. Remote ON/OFF ..................................................................20ms max. Remote ON/OFF (See Note 2) Positive Logic ................ DC-DC ON ................Open or 3V < Vr < 12V DC-DC OFF .............Short or 0V < Vr < 1.2V Negative Logic ............... DC-DC ON ...............Short or 0V < Vr < 1.2V DC-DC OFF ..............Open or 3V < Vr < 12V Remote Off Input Current (nominal Vin) ..............................................3mA
PROTECTION SPECIFICATIONS
Over Voltage Protection ..................... 3.3V Output.................... 3.7V - 5.4V (Ctrl. voltage clamp) 5V Output....................... 5.6V - 7.0V 12V Output................. 13.5V - 19.6V 15V Output................. 16.8V - 20.5V Over Load Protection (% of FL at nominal input) ....................... 150% max. Short Circuit Protection...................................... Hiccup, automatic recovery Over Temperature Protection .......................................................110C typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table Switching Frequency .................................................................300KHz typ. Isolation Voltage (Input to Output)......................................... 1600VDC min. Isolation Voltage (Input to Case) ........................................... 1600VDC min. Isolation Voltage (Output to Case) ........................................ 1600VDC min. Case Grounding (connect case to -Vin with decoupling Y cap) ........... TBD Isolation Resistance ...............................................................10 ohms min. Isolation Capacitance ............................................................. 1500pF max.
9
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature ............. -40C to +50C (without derating) +50C to +105C (with derating) Storage Temperature .......................................................... -55C ~ +125C Maximum Case Temperature ........................................................... +105C Relative Humidity...................................................................5% to 95% RH Temperature Coefficient ................................................... 0.02% / C max. Thermal Impedance (See Note 4) Without Heat-Sink.............................................................. 9.2C / Watt With Heat-Sink..................................................................... 7.6C/Watt Thermal Shock .................................................................... MIL-STD-810D Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z MTBF (See Note 3) ........Bellcore TR-NWT-000332............ 1.093 x 10 hrs 5 MIL-STD-217F ............................. 1.096 x 10 hrs
6
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table Voltage Accuracy (nom Vin and full load) ........................................... 1% Voltage Adjustability (See Note 1) ..................................................... 10% Output Current ..............................................................................see table Output Power ........................................................................ 60 watts max. Line Regulation (LL to HL at FL)....................................................... 0.2% Load Regulation (no load to 100% load)........................................... 0.5% Minimum Load ..................................................................................... 0mA Output Ripple & Noise ..................................................................see table Transient Response Recovery Time (25% load step change)...........250us
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DD Series
DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
SPECIFICATIONS (CONTINUED)
All specifications apply @ 25C ambient unless otherwise noted
PHYSICAL SPECIFICATIONS
Weight .................................................................................... 60g (2.11 oz) Dimensions ................. 2.02 x 2.02 x 0.40 inches (51.3 x 51.3 x 10.2 mm) Case Material ............................................................ Nickel-coated copper Base Material .................................................... Non-conductive black FR4 Potting material ................................................................Epoxy (UL94-V0) Shielding .................................................................................... six - sided
SAFETY & EMC (See Note 5)
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1 Conducted Emissions................. EN55022 ...................................... Class A Radiated Emissions.................... EN55022 ...................................... Class A ESD ............................................ EN61000-4-2.....................Perf. Criteria B Radiated Immunity...................... EN61000-4-3..................... Perf. Criteria A Fast Transient............................. EN61000-4-4.....................Perf. Criteria B Surge .......................................... EN61000-4-5.....................Perf. Criteria B Conducted Immunity................... EN61000-4-6.................... Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number DD24S3.3-14000 DD24S5-12000 DD24S12-5000 DD24S15-4000 DD48S3.3-14000 DD48S5-12000 DD48S12-5000 DD48S15-4000 48VDC (36 - 75 VDC) 24VDC (18 - 36 VDC) Input Range Output Voltage Output Current Min. Load Full Load 0mA 14,000mA Output Ripple & Noise 75mVp-p 75mVp-p 100mVp-p 100mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p Input Current (8) Max Capacitive (9) (6) (7) Efficiency Load No load Full Load 90mA 2264mA 89% 36,000F 20,400F 3550F 2300F 36,000F 20,400F 3550F 2300F
3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC
0mA 0mA 0mA
0mA
12,000mA 5000mA 4000mA
14,000mA
100mA 120mA 120mA
90mA
2874mA 2907mA 2907mA
1132mA
91% 90% 90%
89%
0mA 0mA 0mA
12,000mA 5000mA 4000mA
100mA 100mA 100mA
1437mA 1453mA 1453mA
91% 90% 90%
NOTES
1. Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +sense should be connected to its corresponding +OUTPUT and likewise the -sense should be connected to its corresponding -OUTPUT. 2. The ON/OFF control function: There are positive (standard) and negative logic (option). The pin voltage is referenced to negative input. To order negative logic ON/OFF control add the suffix "R" to the part number (Ex: DD48S5-12000R) 3. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). MIL-STD-217F Notice2 @ Ta=25C, Full Load (Ground, Benign, controlled environment). 4. Heat sink is optional. Please call factory for ordering details. 5. The DD series required an external filter to meet EN55022 class A. (TBD) 6. Typical Value at nominal input voltage. 7. Maximum value at nominal input voltage and full load 8. Typical Value at nominal input voltage and full load. 9. Test by minimum Vin and constant resistive load.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DD Series
DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
DERATING CURVES & EFFICIENCY GRAPHS
MECHANICAL DRAWING
PIN CONNECTION
PIN 1 2 3 4 5 6 7 8 SINGLE +Input -Input CTRL -Sense +Sense +Output -Output Trim
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below.
1. All dimensions in inches (mm) Tolerance: X.XX0.02 (X.X0.5) 2. Pin pitch tolerance 0.014 (0.35)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of DD24S5-12000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X